PART |
Description |
Maker |
IRF610-613 IRF613 IRF611 IRF612 MPT2N18 MPT2N20 IR |
SPST, 150mA PC Mount Pushbutton N沟道功率MOSFET.5A的,15000 N-Channel Power MOSFETs, 3.5A, 150-200V N沟道功率MOSFET.5A的,15000 N-Channel Power MOSFETs/ 3.5A/ 150-200V N-Channel Power MOSFETs 3.5A 150-200V
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
NTB35N15T4 |
Power MOSFET 37 Amps, 150 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 37 A, 150 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
2SK1085-M |
N-channel MOS-FET 3 A, 150 V, 1.17 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric] http://
|
KK91214A KK91214AD KK91214AN KK91214B KK91214BD KK |
N-Channel NexFET™ Power MOSFETs 8-SON -50 to 150 音频/脉冲拨号器使用Flash功能 N-Channel NexFET™ Power MOSFETs 8-SON -50 to 150 Tone/Pulse Dialer with Flash Function
|
KODENSHI, CORP. KODENSHI CORP. KODENSHI KOREA CORP.
|
AP13P15GJ-HF AP13P15GH-HF |
13 A, 150 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 13 A, 150 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 Lower On-resistance, Simple Drive Requirement
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
RFD15P06 RFD15P06SM FN3988 RFP15P06 |
From old datasheet system 15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs 15A/ 60V/ 0.150 Ohm/ P-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
PHW50NQ15T PHW50NQ15T_1 |
N-channel TrenchMOS(tm) transistor From old datasheet system N-channel TrenchMOS transistor 50 A, 150 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247
|
Philips NXP Semiconductors IXYS, Corp.
|
STF23NM60N STI23NM60N STW23NM60N STP23NM60N STB23N |
N-channel 600 V - 0.150 ヘ - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh⑩ Power MOSFET N-channel 600 V - 0.150 Ω - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh?/a> Power MOSFET N-channel 600 V - 0.150 Ω - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh Power MOSFET N-channel 600 V - 0.150 楼? - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh垄芒 Power MOSFET
|
http:// STMicroelectronics
|
BSS123 BSS123-T |
150 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-channel TrenchMOS(TM) transistor Logic Level FET N-channel TrenchMOS TM transistor N-channel TrenchMOS transistor
|
Philips NXP Semiconductors
|
PE-65508 PE-65506 PE-65507 PE-65510 |
*Fiber Channel Dual Transformers - For Use with 75 Ohm Coaxial or 150 Ohm STP Cable (10/99) FIBRE CHANNEL DUAL TRANSFORMERS For Use with 75 W Coaxial or 150 W STP Cable
|
PULSE[Pulse A Technitrol Company]
|
RJK1535DPE RJK1535DPE-LE RJK1535DPF RJK1535DPJ |
40 A, 150 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET LDPAK-3 Silicon N Channel MOS FET High Speed Power Switching
|
NXP Semiconductors N.V. Renesas Electronics Corporation
|